Part Number Hot Search : 
MM1385 LA4275 MA4E2513 6N136 U1451A 50002 T89C5115 PRODUCTS
Product Description
Full Text Search
 

To Download 2SB1308 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
SOT-89 Plastic-Encapsulated Transistors
2SB1308
FEATURES Power dissipation PCM: Collector current ICM: Collector-base voltage V(BR)CBO:
TRANSISTOR (PNP)
SOT-89
1. BASE
0.5 -3 -30
W (Tamb=25) A V
2. COLLECTOR 1 3. EMITTER 2 3
Operating and storage junction temperature range TJ, Tstg: -55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Transition frequency * Measured using pulse current.
unless otherwise specified)
Test conditions MIN -30 -20 -6 -0.5 -0.5 82 390 -0.45 50 V MHz MAX UNIT V V V A A
Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE * VCEsat *
Ic=-50A , IE=0 IC= -1mA , IB=0 IE=-50A, IC=0 VCB=-20 V , IE=0 VEB=-5 V , IC=0
VCE=-2V, IC= -0.5A IC=-1.5A, IB= -0.15A VCE= -6V, IC=-50mA f =30MHz
fT
CLASSIFICATION OF hFE Rank Range
P 82-180
Q 120-270
R 180-390
Marking
BFP,BFQ,BFR


▲Up To Search▲   

 
Price & Availability of 2SB1308

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X